Part Number Hot Search : 
EFF18 UN1212 2500V 52MHZ 50502 IR2235S SFR106 2150JDV2
Product Description
Full Text Search
 

To Download MT305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Marktech Low Current 5mm LEDs
Features Optimized for low D.C. current CMOS and TTL compatible Excellent brightness at 2mA Color diffused package
Series Line-Up
Part Number MT305-SLG(2mA) MT305-SLHR(2mA) MT305-SLUR(2mA) MT305-SLY(2mA) Color Green High Efficency Red Super Ultra Bright Red Yellow Material GaP GaAsP GaAlAs GaAsP
Maximum Ratings (Ta=25oC)
Part Number MT305-SLG(2mA) MT305-SLHR(2mA) MT305-SLUR(2mA) MT305-SLY(2mA) Unit Forward Current Reverse Voltage Power Dissipation Operating Temperature Storage Temperature IF VR PD Topr Tstg 30 30 30 30 mA 5 5 5 5 V 105.00 105.00 100.00 105.00 mW -40 ~+ 85 -40 ~ 85 -40 ~+ 85 -40 ~+85
o
-40 ~+ 85 -40 ~ 85 -40 ~+ 85 -40 ~+ 85
o
C
C
Company Headquarters 3 Northway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314
Marktech Low Current 5mm LEDs
Electrical and Optical Characteristics (Ta=25 C)
Part Number PWL nm P Material View Angle 21/2 60 60 60 60
o o o o
o
Luminous Intensity Iv min. .80 .80 8.00 .80 typ. - - - - mcd max. IF@ min. - - - -
Forward Voltage VF typ. 2.20 2.00 1.85 2.10 V max. IF@
Rev Current IR max. 10 10 10 10 A - VR@ 5V 5V 5V 5V
MT305-SLG(2mA) MT305-SLHR(2mA) MT305-SLUR(2mA) MT305-SLY(2mA) -
565 625 660 590 nm
GaP GaAsP GaAlAs GaAsP -
3.20 2mA 5.00 2mA 20.00 2mA 3.20 2mA -
2.50 20mA 2.50 20mA 2.50 20mA 2.50 20mA -
deg
NOTES: * All Dimensions are in millimeters. * Tolerance is 0.25mm unless otherwise stated. * An Epoxy Meniscus may extend about 1mm down the leads. * Burr around bottom of epoxy may be around 0.5mm MAX. * Specifications are subject to change without notice.
Company Headquarters 3 Northway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office 950 South Coast Drive, Suite 265 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314


▲Up To Search▲   

 
Price & Availability of MT305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X